Part Number Hot Search : 
9S12X SHD12 LB1889 AHYBA 89C55 2N305 250BZX 74ACT08M
Product Description
Full Text Search
 

To Download V8PAL50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  V8PAL50 www.vishay.com vishay general semiconductor revision: 31-jul-13 1 document number: 87912 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 surface mount trench mos barrier schottky rectifier features ? very low profile - typical height of 0.95 mm ? ideal for automated placement ? trench mos schottky technology ? low power losses, high efficiency ? low forward voltage drop ? meets msl level 1, per j-std-020, lf maximum peak of 260 c ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 typical applications for use in low voltage, high frequency inverters, freewheeling, dc/dc converte rs, and polarity protection applications. mechanical data case: do-221bc (smpa) ? molding compound meets ul 94 v-0 flammability rating base p/n-m3 - halogen-free, rohs-compliant, and commercial grade terminals: matte tin plated leads, solderable per j-std-002 and jesd22-b102 ? m3 suffix meets jesd 201 class 2 whisker test polarity: color band denotes cathode end notes (1) units mounted on 3 cm x 3 cm aluminum, 2 oz. pcb (2) free air, mounted on recommended copper pad area primary characteristics i f(av) 8.0 a v rrm 50 v i fsm 120 a v f at i f = 8.0 a (t a = 125 c) 0.40 v t j max. 150 c package do-221bc (smpa) diode variation single die do-221bc (smpa) tmbs ? smpa tm top view bottom view maximum ratings (t a = 25 c unless otherwise noted) parameter symbol V8PAL50 unit device marking code 8l5 maximum repetitive peak reverse voltage v rrm 50 v maximum dc forward current i f (1) 8.0 a i f (2) 4.0 maximum dc reverse voltage v dc 35 v peak forward surge current 10 ms single ha lf sine-wave ? superimposed on rated load i fsm 120 a operating junction and storage temperature range t j , t stg - 40 to + 150 c
V8PAL50 www.vishay.com vishay general semiconductor revision: 31-jul-13 2 document number: 87912 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) pulse test: 300 s pulse width, 1 % duty cycle (2) pulse test: pulse width ? 5 ms ? notes (1) free air, mounted on recommended pcb, 2 oz. pad area; thermal resistance r ? ja - junction to ambient (2) units mounted on 3 cm x 3 cm aluminum , 2 oz. pad area; thermal resistance r ? jm - junction to mount ? ? ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - maximum forward currernt derating curve fig. 2 - forward power loss characteristics electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol typ. max. unit instantaneous forward voltage i f = 4.0 a t a = 25 c v f (1) 0.43 - v i f = 8.0 a 0.49 0.57 i f = 4.0 a t a = 125 c 0.32 - i f = 8.0 a 0.40 0.48 reverse current v r = 35 v t a = 25 c i r (2) 10 - a t a = 125 c 8.4 - ma v r = 50 v t a = 25 c - 400 a t a = 125 c 15 40 ma typical junction capa citance 4.0 v, 1 mhz c j 1400 - pf thermal characteristics (t a = 25 c unless otherwise specified) parameter symbol V8PAL50 unit typical thermal resistance r ? ja (1) 100 c/w r ? jm (2) 5 ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode V8PAL50-m3/i 0.032 i 14 000 13" diam eter plastic tape and reel 0 2 4 6 8 10 0 25 50 75 100 125 150 average forward rectified current (a) ca s e temperature (c) (d=duty cycle=0.5) r thja = 100 c r thjm = 5 c/w 0 1 4 5 0145710 aerae oer o ss (w) average forward current (a) d = 0.1 d = 0.2 d = 0.3 d = 0.5 d = 1.0 d = 0.8
V8PAL50 www.vishay.com vishay general semiconductor revision: 31-jul-13 3 document number: 87912 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 3 - typical instantaneous forward characteristics fig. 4 - typcial reverse leakage characteristics fig. 5 - typical j unction capacitance fig. 6 - typcial transient thermal impedance fig. 7 - thermal resistance junction to ambient vs. copper pad areas 0.1 1 10 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 in s tantaneou s forward current (a) in s tantaneou s forward voltage (v) t a = 150 c t a = 25 c t a = 100 c t a = 125 c 0.001 0.01 0.1 1 10 100 10 20 30 40 50 60 70 80 90 100 in s tantaneou s rever s e current (ma) percent of rated peak rever s e voltage (%) t a = 150 c t a = 125 c t a = 100 c t a = 25 c 100 1000 10 000 0.1 1 10 100 junction capacitance (pf) rever s e voltage (v) t j = 25 c f = 1.0 mhz v s ig = 50 mv p -p 1 10 100 1000 0.01 0.1 1 10 100 tran s ient thermal impedance (c/w) t -pul s e duration ( s ) junction to ambient 70 80 90 100 110 20 30 40 50 60 70 80 0123456789 20 0123456789 copper pad area s (cm 2 ) s (cm 2 ) epoxy printed circiut board fr4 copper thickness = 70 m thermal re s i s tance (c/w)
V8PAL50 www.vishay.com vishay general semiconductor revision: 31-jul-13 4 document number: 87912 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package outline dimensions in inches (millimeters) cathode band 0.106 (2.70) 0.098 (2.50) do-221bc ( s mpa) 0.171 (4.35) 0.163 (4.15) 0.211 (5.35) 0.199 (5.05) 0.039 (1.00) 0.035 (0.90) 0.057 (1.45) 0.049 (1.25) 0.059 (1.50) 0.030 (0.75) 0.012 (0.30) 0.006 (0.15) typ.: 0.019 (0.48) 0.122 (3.10) 0.098 (2.50) 0.059 (1.50) 0.030 (0.75) 0.087 (2.20) 0.063 (0.75) mountin g pad layout 0.087 (2.20) min. min. 0.059 (1.50) min. 0.122 (3.10) max. 0.037 (0.92) 0.217 (5.52) 0.060 (1.52) min.
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: vishay: ? V8PAL50-m3/i


▲Up To Search▲   

 
Price & Availability of V8PAL50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X